Part Number Hot Search : 
AON3816 BT2222 313375P MH383D MC68HC90 LTC2875 2W005 LBH5020
Product Description
Full Text Search
 

To Download SW2R48D03UWF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPERWORLD ELECTRONICS
SW2R UW Series - 2W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW2R UW PRODUCT RANGE FEATURES
* * * * * * * * * * Industry standard E & L packages Ultra-Wide Input Range 18-75 Vdc Single & Dual 1500Vdc Isolated Outputs Operating Temp Range -40oC to 100oC High Efficiencies to 85% Continuous Short Circuit Protection Undervoltage Lock-out Metal Casing 2 Year Warranty Internal Input and Output Filtering Model SW2R48S03UWF SW2R48S05UWF SW2R48S09UWF SW2R48S12UWF SW2R48S15UWF SW2R48D03UWF SW2R48D05UWF SW2R48D09UWF SW2R48D12UWF SW2R48D15UWF Vin (Vdc) 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 Vout (Vdc) 3.3 5 9 12 15 3.3 5 9 12 15 Iout (mA) 606 400 222 167 133 303 200 111 84 67 Iin (rated) (mA) 110 100 100 100 90 55 50 50 50 45 Eff. (%) 76 80 82 83 85 74 78 80 82 84
DESCRIPTION
The SW2R UW Series is a 1500Vdc isolated range of single and dual output 2W DC-DC converters, designed with a 4:1 input voltage range and ideal for use in a whole variety of telecoms, industrial and distributed power applications. The ultra-wide input range and large number of output options ensures a product that meets the requirements of the most challenging of environments. .Available in industry standard E and L DIP packages (32 x 20 x 9 mm), the SW2R UW is fully encapsulated in a metal case and is designed to meet EN60950 and UL1950 safety standards. Continuous SC protection and UVLO are some of the many SW2R UW features.
MECHANICAL (E Package)
Pin 1 2 3 10 11 12 13 14 15 22 23 24 Singles +Vin NC NC - Vout +Vout -Vin -Vin +Vout -Vout NC NC +Vin Dual +Vin -Vout Common Common +Vout -Vin -Vin +Vout Common Common -Vout +Vout
SW2R48S03UWEF
Apply E or L to part number when ordering
SW2R UW Series Product Datasheet
www.superworld.com.sg
1 of 2
MECHANICAL (L Package)
Pin 2 3 9 11 14 16 22 23 Singles -Vin -Vin NC NC +Vout -Vout +Vin +Vin Dual -Vin -Vin Common -Vout +Vout Common +Vin +Vin
SW2R48S03UWLF
Apply E or L to part number when ordering
SW2R UW INPUT SPECIFICATIONS
PARAMETER Input Current (No Load) Voltage Range Transient Input Voltage (1msec) Undervoltage Lockout Reflected Ripple Current CONDITIONS All models 18 On Off MIN TYPICAL 20 48 MAX 75 100 17.5 16 35 mAp-p UNITS mA Vdc Vdc Vdc
SW2R UW OUTPUT SPECIFICATIONS
PARAMETER Rated Power Voltage Setpoint Accuracy Line Regulation Load Regulation Ripple & Noise Current Limit Output Overvoltage Clamp Temperature Coefficient Short Circuit Protection CONDITIONS All models 1% change in Vin (10% load to rated load) BW = DC to 20MHz 120% x Iout
0.008 0.5 1
MIN
TYPICAL
MAX 2.0
5 2 3
UNITS W % %
%
p-p W % Vout %/ oC second
1% 2.5 120 1
SW2R UW GENERAL CHARACTERISTICS
PARAMETER Temperature CONDITIONS Temperature (Ambient) Temperature (Case) Storage Isolation Test Voltage Resistance Capacitance Leakage Current MIL-HDBK-217E MIN -25 -40 -40 1500 10 20 20 150 450000 20 TYPICAL MAX 70 100 100 UNITS C C C Vdc G pF Arms kHz hrs g
Isolation
Switching Frequency MTTF (Ta = 25 oC) Weight
Refer to Medium Power Application Note 1 for additional Performance Curves & Data
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204 Tel : (65) 6298 2866 Fax : (65) 6298 8900 Email : sales@superworld.com.sg
SW2R UW Series Product Datasheet
www.superworld.com.sg
2 of 2


▲Up To Search▲   

 
Price & Availability of SW2R48D03UWF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X